PART |
Description |
Maker |
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
BFX37 |
Bipolar PNP Device in a Hermetically sealed TO18 Metal Package 50 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-206AA
|
TT electronics Semelab, Ltd.
|
BFT37A FT37AR1 |
5000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar PNP Device in a Hermetically sealed TO39
|
SEMELAB LTD Seme LAB
|
BDX94 |
TRANSISTOR | BJT | PNP | 80V V(BR)CEO | 10A I(C) | TO-3 Bipolar PNP Device in a Hermetically sealed TO3 Metal Package
|
Seme LAB
|
SF_BDX66 2N6246 SF_2N6246 BDX66 |
Bipolar PNP Device
|
SemeLAB SEME-LAB[Seme LAB]
|
2N6227 |
Bipolar PNP Device
|
SEME-LAB[Seme LAB]
|
BUX78ASMD |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
BUX78SMD |
Bipolar PNP Device in a Hermetically sealed
|
Seme LAB
|
BUX66 SF_BUX66 SFBUX66 |
Bipolar PNP Device From old datasheet system
|
SemeLAB SEME-LAB[Seme LAB]
|
2N5613 |
Bipolar PNP Device From old datasheet system
|
SemeLAB
|
2N3868SMD05-JQRR4 2N3868SMD05 |
Bipolar PNP Device in a Hermetically sealed 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AA HERMETIC SEALED, CERAMIC, SMD0.5, 3 PIN
|
Seme LAB TT electronics Semelab, Ltd.
|
2N3868SMD 2N3868SMD-JQRR4 |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-276AB HERMETIC SEALED, CERAMIC, SMD1, 3 PIN Bipolar PNP Device in a Hermetically sealed
|
TT electronics Semelab, Ltd. Seme LAB
|